Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 455 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 455 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 451Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 452Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 453Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 454Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 455Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 456Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 457Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 458Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 459Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
455
10.3.3.4
Transmit Buffer Priority Register (TBPR)
This register defines the local priority of the associated message buffer. The local priority is used for the
internal prioritization process of the MSCAN and is defined to be highest for the smallest binary number.
The MSCAN implements the following internal prioritization mechanisms:
•
All transmission buffers with a cleared TXEx flag participate in the prioritization immediately
before the SOF (start of frame) is sent.
•
The transmission buffer with the lowest local priority field wins the prioritization.
In cases of more than one buffer having the same lowest priority, the message buffer with the lower index
number wins.
Read: Anytime when TXEx flag is set (see Section 10.3.2.7, “MSCAN Transmitter Flag Register
(CANTFLG)”) and the corresponding transmit buffer is selected in CANTBSEL (see Section 10.3.2.11,
“MSCAN Transmit Buffer Selection Register (CANTBSEL)”).
Write: Anytime when TXEx flag is set (see Section 10.3.2.7, “MSCAN Transmitter Flag Register
(CANTFLG)”) and the corresponding transmit buffer is selected in CANTBSEL (see Section 10.3.2.11,
“MSCAN Transmit Buffer Selection Register (CANTBSEL)”).
10.3.3.5
Time Stamp Register (TSRH–TSRL)
If the TIME bit is enabled, the MSCAN will write a time stamp to the respective registers in the active
transmit or receive buffer right after the EOF of a valid message on the CAN bus (see Section 10.3.2.1,
Table 10-33. Data Length Codes
Data Length Code
Data Byte
Count
DLC3
DLC2
DLC1
DLC0
0000
0
0001
1
0010
2
0011
3
0100
4
0101
5
0110
6
0111
7
1000
8
76543210
R
PRIO7
PRIO6
PRIO5
PRIO4
PRIO3
PRIO2
PRIO1
PRIO0
W
Reset:
00000000
Figure 10-36. Transmit Buffer Priority Register (TBPR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com