Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 477 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 477 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 473Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 474Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 475Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 476Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 477Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 478Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 479Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 480Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 481Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 477 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
477
Chapter 11
Serial Communication Interface (S12SCIV5)
11.1
Introduction
This block guide provides an overview of the serial communication interface (SCI) module.
The SCI allows asynchronous serial communications with peripheral devices and other CPUs.
11.1.1
Glossary
IR: InfraRed
IrDA: Infrared Design Associate
IRQ: Interrupt Request
LIN: Local Interconnect Network
LSB: Least Significant Bit
MSB: Most Significant Bit
NRZ: Non-Return-to-Zero
RZI: Return-to-Zero-Inverted
RXD: Receive Pin
SCI : Serial Communication Interface
TXD: Transmit Pin
11.1.2
Features
The SCI includes these distinctive features:
•
Full-duplex or single-wire operation
•
Standard mark/space non-return-to-zero (NRZ) format
•
Selectable IrDA 1.4 return-to-zero-inverted (RZI) format with programmable pulse widths
•
13-bit baud rate selection
•
Programmable 8-bit or 9-bit data format
•
Separately enabled transmitter and receiver
•
Programmable polarity for transmitter and receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com