Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 492 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 492 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 488Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 489Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 490Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 491Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 492Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 493Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 494Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 495Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 496Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
492
Freescale Semiconductor
11.3.2.9
SCI Data Registers (SCIDRH, SCIDRL)
Read: Anytime; reading accesses SCI receive data register
Write: Anytime; writing accesses SCI transmit data register; writing to R8 has no effect
NOTE
If the value of T8 is the same as in the previous transmission, T8 does not
have to be rewritten.The same value is transmitted until T8 is rewritten
In 8-bit data format, only SCI data register low (SCIDRL) needs to be
accessed.
When transmitting in 9-bit data format and using 8-bit write instructions,
write first to SCI data register high (SCIDRH), then SCIDRL.
76543210
RR8
T8
000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 11-12. SCI Data Registers (SCIDRH)
76543210
R
R7R6R5R4R3R2R1R0
W
T7
T6
T5
T4
T3
T2
T1
T0
Reset
00000000
Figure 11-13. SCI Data Registers (SCIDRL)
Table 11-12. SCIDRH and SCIDRL Field Descriptions
Field
Description
SCIDRH
7
R8
Received Bit 8 — R8 is the ninth data bit received when the SCI is configured for 9-bit data format (M = 1).
SCIDRH
6
T8
Transmit Bit 8 — T8 is the ninth data bit transmitted when the SCI is configured for 9-bit data format (M = 1).
SCIDRL
7:0
R[7:0]
T[7:0]
R7:R0 — Received bits seven through zero for 9-bit or 8-bit data formats
T7:T0 — Transmit bits seven through zero for 9-bit or 8-bit formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com