Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 560 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 560 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 556Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 557Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 558Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 559Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 560Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 561Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 562Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 563Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 564Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 1350 page
background image
Chapter 14 Voltage Regulator (S12VREG3V3V5)
MC9S12XDP512 Data Sheet, Rev. 2.17
560
Freescale Semiconductor
14.3.2.3
Autonomous Periodical Interrupt Control Register (VREGAPICL)
The VREGAPICL register allows the configuration of the VREG_3V3 autonomous periodical interrupt
features.
76543210
R
APICLK
0000
APIFE
APIE
APIF
W
Reset
00000000
= Unimplemented or Reserved
Figure 14-4. Autonomous Periodical Interrupt Control Register (VREGAPICL)
Table 14-4. VREGAPICL Field Descriptions
Field
Description
7
APICLK
Autonomous Periodical Interrupt Clock Select Bit — Selects the clock source for the API. Writable only if
APIFE = 0; APICLK cannot be changed if APIFE is set by the same write operation.
0 Autonomous periodical interrupt clock used as source.
1 Bus clock used as source.
2
APIFE
Autonomous Periodical Interrupt Feature Enable Bit — Enables the API feature and starts the API timer
when set.
0 Autonomous periodical interrupt is disabled.
1 Autonomous periodical interrupt is enabled and timer starts running.
1
APIE
Autonomous Periodical Interrupt Enable Bit
0 API interrupt request is disabled.
1 API interrupt will be requested whenever APIF is set.
0
APIF
Autonomous Periodical Interrupt Flag — APIF is set to 1 when the in the API configured time has elapsed.
This flag can only be cleared by writing a 1 to it. Clearing of the flag has precedence over setting.
Writing a 0 has no effect. If enabled (APIE = 1), APIF causes an interrupt request.
0 API timeout has not yet occurred.
1 API timeout has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com