Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 576 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 576 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 572Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 573Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 574Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 575Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 576Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 577Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 578Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 579Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 580Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 1350 page
background image
Chapter 15 Background Debug Module (S12XBDMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
576
Freescale Semiconductor
15.3.2.2
BDM CCR LOW Holding Register (BDMCCRL)
Figure 15-4. BDM CCR LOW Holding Register (BDMCCRL)
Read: All modes through BDM operation when not secured
Write: All modes through BDM operation when not secured
NOTE
When BDM is made active, the CPU stores the content of its CCRL register
in the BDMCCRL register. However, out of special single-chip reset, the
BDMCCRL is set to 0xD8 and not 0xD0 which is the reset value of the
CCRL register in this CPU mode. Out of reset in all other modes the
BDMCCRL register is read zero.
When entering background debug mode, the BDM CCR LOW holding register is used to save the low byte
of the condition code register of the user’s program. It is also used for temporary storage in the standard
BDM firmware mode. The BDM CCR LOW holding register can be written to modify the CCR value.
Table 15-3. BDM Clock Sources
PLLSEL
CLKSW
BDMCLK
0
0
Bus clock dependent on oscillator
0
1
Bus clock dependent on oscillator
1
0
Alternate clock (refer to the device specification to determine the alternate clock source)
1
1
Bus clock dependent on the PLL
Register Global Address 0x7FFF06
7
6
5
4
3
2
1
0
R
CCR7
CCR6
CCR5
CCR4
CCR3
CCR2
CCR1
CCR0
W
Reset
Special Single-Chip Mode
1
1
0
0
1
0
0
0
All Other Modes
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com