Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 601 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 601 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 597Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 598Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 599Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 600Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 601Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 602Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 603Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 604Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 605Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 1350 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
601
16.3.1.1
Interrupt Vector Base Register (IVBR)
Read: Anytime
Write: Anytime
Address: 0x0121
76543210
R
IVB_ADDR[7:0]
W
Reset
11111111
Figure 16-3. Interrupt Vector Base Register (IVBR)
Table 16-2. IVBR Field Descriptions
Field
Description
7–0
IVB_ADDR[7:0]
Interrupt Vector Base Address Bits — These bits represent the upper byte of all vector addresses. Out of
reset these bits are set to 0xFF (i.e., vectors are located at 0xFF10–0xFFFE) to ensure compatibility to
HCS12.
Note: A system reset will initialize the interrupt vector base register with “0xFF” before it is used to determine
the reset vector address. Therefore, changing the IVBR has no effect on the location of the three reset
vectors (0xFFFA–0xFFFE).
Note: If the BDM is active (i.e., the CPU is in the process of executing BDM firmware code), the contents of
IVBR are ignored and the upper byte of the vector address is fixed as “0xFF”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com