Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 643 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 643 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 639Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 640Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 641Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 642Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 643Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 644Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 645Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 646Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 647Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 643 / 1350 page
background image
Chapter 17 Memory Mapping Control (S12XMMCV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
643
17.4.4.2
Access Conflicts on Target Buses
The arbitration scheme allows only one master to be connected to a target at any given time. The following
rules apply when prioritizing accesses from different masters to the same target bus:
•
CPU always has priority over XGATE.
•
BDM access has priority over XGATE.
•
XGATE access to PRU registers constitutes a special case. It is always granted and stalls the CPU
and BDM for its duration.
•
In emulation modes all internal accesses are visible on the external bus as well.
•
During access to the PRU registers, the external bus is reserved.
17.4.5
Interrupts
17.4.5.1
Outgoing Interrupt Requests
The following interrupt requests can be triggered by the MMC module:
CPU access violation: The CPU access violation signals to the CPU detection of an error condition in the
CPU application code which is resulted in write access to the protected XGATE RAM area (see
Section 1.4.3.2, “Illegal CPU Accesses”).
17.5
Initialization/Application Information
17.5.1
CALL and RTC Instructions
CALL and RTC instructions are uninterruptable CPU instructions that automate page switching in the
program page window. The CALL instruction is similar to the JSR instruction, but the subroutine that is
called can be located anywhere in the local address space or in any Flash or ROM page visible through the
program page window. The CALL instruction calculates and stacks a return address, stacks the current
PPAGE value and writes a new instruction-supplied value to the PPAGE register. The PPAGE value
controls which of the 256 possible pages is visible through the 16 Kbyte program page window in the
64 Kbyte local CPU memory map. Execution then begins at the address of the called subroutine.
During the execution of the CALL instruction, the CPU performs the following steps:
1. Writes the current PPAGE value into an internal temporary register and writes the new
instruction-supplied PPAGE value into the PPAGE register
2. Calculates the address of the next instruction after the CALL instruction (the return address) and
pushes this 16-bit value onto the stack
3. Pushes the temporarily stored PPAGE value onto the stack
4. Calculates the effective address of the subroutine, refills the queue and begins execution at the new
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com