Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 652 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 652 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 648Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 649Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 650Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 651Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 652Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 653Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 654Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 655Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 656Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
652
Freescale Semiconductor
18.1.1
Terminology
18.1.2
Features
The main features of this block are:
•
Paging capability to support a global 8 Mbytes memory address space
•
Bus arbitration between the masters CPU, BDM and XGATE
Table 18-1. Acronyms and Abbreviations
Logic level “1”
Voltage that corresponds to Boolean true state
Logic level “0”
Voltage that corresponds to Boolean false state
0x
Represents hexadecimal number
x
Represents logic level ’don’t care’
byte
8-bit data
word
16-bit data
local address
based on the 64 KBytes Memory Space (16-bit address)
global address
based on the 8 MBytes Memory Space (23-bit address)
Aligned address
Address on even boundary
Mis-aligned address
Address on odd boundary
Bus Clock
System Clock. Refer to CRG Block Guide.
expanded modes
Normal Expanded Mode
Emulation Single-Chip Mode
Emulation Expanded Mode
Special Test Mode
single-chip modes
Normal Single-Chip Mode
Special Single-Chip Mode
emulation modes
Emulation Single-Chip Mode
Emulation Expanded Mode
normal modes
Normal Single-Chip Mode
Normal Expanded Mode
special modes
Special Single-Chip Mode
Special Test Mode
NS
Normal Single-Chip Mode
SS
Special Single-Chip Mode
NX
Normal Expanded Mode
ES
Emulation Single-Chip Mode
EX
Emulation Expanded Mode
ST
Special Test Mode
Unimplemented areas
Areas which are accessible by the pages (RPAGE,PPAGE,EPAGE) and not implemented
External Space
Area which is accessible in the global address range 14_0000 to 3F_FFFF
external resource
Resources (Emulator, Application) connected to the MCU via the external bus on
expanded modes (Unimplemented areas and External Space)
PRR
Port Replacement Registers
PRU
Port Replacement Unit located on the emulator side
MCU
MicroController Unit
NVM
Non-volatile Memory; Flash EEPROM or ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com