Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 675 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 675 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 671Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 672Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 673Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 674Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 675Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 676Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 677Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 678Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 679Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 675 / 1350 page
background image
Chapter 18 Memory Mapping Control (S12XMMCV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
675
Expansion of the BDM Local Address Map
PPAGE, RPAGE, and EPAGE registers are also used for the expansion of the BDM local address to the
global address. These registers can be read and written by the BDM.
The BDM expansion scheme is the same as the CPU expansion scheme.
18.4.2.2
Global Addresses Based on the Global Page
CPU Global Addresses Based on the Global Page
The seven global page index bits allow access to the full 8 Mbyte address map that can be accessed with
23 address bits. This provides an alternative way to access all of the various pages of FLASH, RAM and
EEPROM as well as additional external memory.
The GPAGE Register is used only when the CPU is executing a global instruction (see Section 18.3.2.3,
“Global Page Index Register (GPAGE)). The generated global address is the result of concatenation of the
CPU local address [15:0] with the GPAGE register [22:16] (see Figure 18-7).
BDM Global Addresses Based on the Global Page
The seven BDMGPR Global Page index bits allow access to the full 8 Mbyte address map that can be
accessed with 23 address bits. This provides an alternative way to access all of the various pages of
FLASH, RAM and EEPROM as well as additional external memory.
The BDM global page index register (BDMGPR) is used only in the case the CPU is executing a firmware
command which uses a global instruction (like GLDD, GSTD) or by a BDM hardware command (like
WRITE_W, WRITE_BYTE, READ_W, READ_BYTE). See the BDM Block Guide for further details.
The generated global address is a result of concatenation of the BDM local address with the BDMGPR
register [22:16] in the case of a hardware command or concatenation of the CPU local address and the
BDMGPR register [22:16] in the case of a firmware command (see Figure 18-22).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com