Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 710 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 710 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 706Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 707Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 708Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 709Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 710Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 711Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 712Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 713Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 714Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 710 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
710
Freescale Semiconductor
Table 19-28 shows the effect for RWE and RW on the comparison conditions. These bits are not useful for
tagged operations since the trigger occurs based on the tagged opcode reaching the execution stage of the
instruction queue. Thus, these bits are ignored if tagged triggering is selected.
6
(COMP B/D)
SZ
Size Comparator Value Bit — The SZ bit selects either word or byte access size in comparison for the
associated comparator. This bit is ignored if the SZE bit is cleared or if the TAG bit in the same register is set.
This bit position has NDB functionality for comparators A and C
0 Word access size will be compared
1 Byte access size will be compared
5
TAG
Tag Select — This bit controls whether the comparator match will cause a trigger or tag the opcode at the
matched address. Tagged opcodes trigger only if they reach the execution stage of the instruction queue.
0 Trigger immediately on match
1 On match, tag the opcode. If the opcode is about to be executed a trigger is generated
4
BRK
Break — This bit controls whether a comparator match can cause an immediate breakpoint independent of state
sequencer state. The module breakpoints must be enabled using the DBGC1 bits DBGBRK[1:0].
0 Breakpoints may only be generated from this channel when the state machine reaches final state.
1 A match on this channel generates an immediate breakpoint, tracing, if active, is terminated and the module
disarmed.
3
RW
Read/Write Comparator Value Bit — The RW bit controls whether read or write is used in compare for the
associated comparator. The RW bit is not used if RWE = 0.
0 Write cycle will be matched
1 Read cycle will be matched
2
RWE
Read/Write Enable Bit — The RWE bit controls whether read or write comparison is enabled for the associated
comparator. This bit is not useful for tagged operations.
1 Read/Write is used in comparison
0 Read/Write is not used in comparison
1
SRC
SRC — Determines mapping of comparator to CPU or XGATE
0 The comparator is mapped to CPU busses
1 The comparator is mapped to XGATE address and data busses
0
COMPE
Comparator Enable Bit— Determines if comparator is enabled
0 The comparator is not enabled
1 The comparator is enabled for state sequence triggers or tag generation
Table 19-28. Read or Write Comparison Logic Table
RWE Bit
RW Bit
RW Signal
Comment
0
x
0
RW not used in comparison
0
x
1
RW not used in comparison
1
0
0
Write data bus
1
0
1
No match
1
1
0
No match
1
1
1
Read data bus
Table 19-27. DBGXCTL Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com