Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 717 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 717 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 713Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 714Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 715Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 716Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 717Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 718Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 719Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 720Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 721Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 717 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
717
19.4.2.2
Exact Address Comparator Match (Comparators B and D)
Comparators B and D feature SZ and SZE control bits. If SZE is clear, then the comparator address match
qualification functions the same as for comparators A and C.
If the SZE bit is set the access size (word or byte) is compared with the SZ bit value such that only the
specified type of access causes a match. Thus, if configured for a byte access of a particular address, a word
access covering the same address does not lead to match.
19.4.2.3
Range Comparisons
When using the AB comparator pair for a range comparison, the data bus can also be used for qualification
by using the comparator A data and data mask registers. Furthermore the DBGACTL RW and RWE bits
can be used to qualify the range comparison on either a read or a write access. The corresponding
DBGBCTL bits are ignored. Similarly when using the CD comparator pair for a range comparison, the
data bus can also be used for qualification by using the comparator C data and data mask registers.
Furthermore the DBGCCTL RW and RWE bits can be used to qualify the range comparison on either a
read or a write access if tagging is not selected. The corresponding DBGDCTL bits are ignored. The SZE
and SZ control bits are ignored in range mode. The comparator A and C TAG bits are used to tag range
comparisons for the AB and CD ranges respectively. The comparator B and D TAG bits are ignored in
range modes. In order for a range comparison using comparators A and B, both COMPEA and COMPEB
must be set; to disable range comparisons both must be cleared. Similarly for a range CD comparison, both
COMPEC and COMPED must be set. If a range mode is selected SRCA and SRCB must select the same
source (S12X or XGATE). Similarly SRCC and SRCD must select the same source. When configured for
range comparisons and tagging, the ranges are accurate only to word boundaries.
19.4.2.3.1
Inside Range (CompAC_Addr
≤ Address ≤ CompBD_Addr)
In the inside range comparator mode, either comparator pair A and B or comparator pair C and D can be
configured for range comparisons. This configuration depends upon the control register (DBGC2). The
match condition requires that a valid match for both comparators happens on the same bus cycle. A match
condition on only one comparator is not valid. An aligned word access which straddles the range boundary
will cause a trigger only if the aligned address is inside the range.
Table 19-37. Comparator Access Size Considerations
Comparator
Address
SZE
SZ8
Condition For Valid Match
Comparators
A and C
ADDR[n]
-
-
Word and byte accesses of ADDR[n]1
MOVB #$BYTE ADDR[n]
MOVW #$WORD ADDR[n]
1 A word access of ADDR[n-1] also accesses ADDR[n] but does not generate a match.
The comparator address register must contain the exact address used in the code.
Comparators
B and D
ADDR[n]
0
X
Word and byte accesses of ADDR[n]1
MOVB #$BYTE ADDR[n]
MOVW #$WORD ADDR[n]
Comparators
B and D
ADDR[n]
1
0
Word accesses of ADDR[n]1
MOVW #$WORD ADDR[n]
Comparators
B and D
ADDR[n]
1
1
Byte accesses of ADDR[n]
MOVB #$BYTE ADDR[n]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com