Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 725 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 725 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 721Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 722Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 723Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 724Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 725Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 726Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 727Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 728Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 729Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 725 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
725
19.4.5.3.1
Information Byte Organization
The format of the control information byte for both CPU and XGATE modules is dependent upon the
active trace mode and tracing source as described below. In normal mode or loop1 mode, tracing of
XGATE activity XINF is used to store control information. In normal mode or loop1 mode, tracing of CPU
activity CINF is used to store control information. In detail mode, CXINF contains the control information.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XSD
00
XDV
0000
Figure 19-24. XGATE Information Byte XINF
Table 19-40. XINF Field Descriptions
Field
Description
7
XSD
Source Destination Indicator — This bit indicates if the corresponding stored address is a source or
destination address. This is only used in normal and loop1 mode tracing.
0 Source Address
1 Destination Address
4
XDV
Data Invalid Indicator — This bit indicates if the trace buffer entry is invalid. It is only used when tracing from
both sources in normal and loop1 mode, to indicate that the XGATE trace buffer entry is valid.
0 Trace buffer entry is invalid
1 Trace buffer entry is valid
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CSD
00
CDV
0000
Figure 19-25. CPU Information Byte CINF
Table 19-41. CINF Field Descriptions
Field
Description
7
CSD
Source Destination Indicator — This bit indicates if the corresponding stored address is a source or
destination address. This is only used in normal and loop1 mode tracing.
0 Source Address
1 Destination Address
4
CDV
Data Invalid Indicator — This bit indicates if the trace buffer entry is invalid. It is only used when tracing from
both sources in normal and loop1 mode, to indicate that the CPU trace buffer entry is valid.
0 Trace buffer entry is invalid
1 Trace buffer entry is valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com