Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 731 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 731 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 727Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 728Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 729Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 730Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 731Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 732Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 733Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 734Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 735Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 731 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
731
19.4.7.5
DBG Breakpoint Priorities
XGATE software breakpoints have the highest priority. Active tracing sessions are terminated
immediately.
If a TRIG triggers occur after begin or mid aligned tracing has already been triggered by a comparator
instigated transition to final state, then TRIG no longer has an effect. When the associated tracing session
is complete, the breakpoint occurs. Similarly if a TRIG is followed by a subsequent trigger from a
comparator channel whose BRK=0, it has no effect, since tracing has already started.
If a comparator tag hit occurs simultaneously with an external TAGHI/TAGLO hit, the state sequencer
enters State0. TAGHI/TAGLO triggers are always end aligned, to end tracing immediately, independent of
the tracing trigger alignment bits TALIGN[1:0].
19.4.7.5.1
DBG Breakpoint priorities, mapping and BDM interfacing
Breakpoint operation is dependent on the state of the BDM module. If the BDM module is active, the CPU
is executing out of BDM firmware and S12X breakpoints are disabled. In addition, while executing a BDM
TRACE command, tagging into BDM is disabled.
If BDM is not active, the breakpoint will give priority to BDM requests over SWI requests if the breakpoint
happens to coincide with a SWI instruction in the user’s code. On returning from BDM, the SWI from user
code gets executed.
BDM cannot be entered from a breakpoint unless the ENABLE bit is set in the BDM. If entry to BDM via
a BGND instruction is attempted and the ENABLE bit in the BDM is cleared, the CPU actually executes
the BDM firmware code. It checks the ENABLE and returns if ENABLE is not set. If not serviced by the
monitor then the breakpoint is re-asserted when the BDM returns to normal CPU flow.
If the comparator register contents coincide with the SWI/BDM vector address then an SWI in user code
and DBG breakpoint could occur simultaneously. The CPU ensures that BDM requests have a higher
priority than SWI requests. Returning from the BDM/SWI service routine care must be taken to avoid
re-triggering a breakpoint.
Table 19-45. Breakpoint Mapping Summary
DBGBRK[1]
(DBGC1[3])1
1 All sources except XGATE software BKP, which are independent of this bit.
BDM bit
(DBGC1[4])
BDM
enabled
BDM active
Type of Debug Session
0
X
X
X
No Breakpoint
1000
Breakpoint to SWI
101
X
Illegal Configuration. Do Not Use.2
2The DBGC1[4] bit (BDM) must be set if using the BDM interface together with the DBG module. Failure to set this bit could
result in XGATE generated breakpoints to SWI during BDM firmware execution corrupting the S12X PC return address,
should the user have entered BDM via the BACKGROUND command or BGND instruction.
1100
Illegal Configuration. Do Not Use. 3
3End aligned tagged Breakpoint to SWI. Begin, Mid aligned and Forced Breakpoints disabled
1110
Breakpoint to BDM
1111
No Breakpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com