Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 802 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 802 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 798Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 799Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 800Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 801Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 802Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 803Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 804Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 805Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 806Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 802 / 1350 page
background image
Chapter 21 External Bus Interface (S12XEBIV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
802
Freescale Semiconductor
21.5.1
Normal Expanded Mode
This mode allows interfacing to external memories or peripherals which are available in the commercial
market. In these applications the normal bus operation requires a minimum of 1 cycle stretch for each
external access.
21.5.1.1
Example 1a: External Wait Feature Disabled
The first example of bus timing of an external read and write access with the external wait feature disabled
is shown in
•
Figure ‘Example 1a: Normal Expanded Mode — Read Followed by Write’
The associated supply voltage dependent timing are numbers given in
•
Table ‘Example 1a: Normal Expanded Mode Timing VDD5 = 5.0 V (EWAITE = 0)’
•
Table ‘Example 1a: Normal Expanded Mode Timing VDD5 = 3.0 V (EWAITE = 0)’
Systems designed this way rely on the internal programmable access stretching. These systems have
predictable external memory access times. The additional stretch time can be programmed up to 8 cycles
to provide longer access times.
21.5.1.2
Example 1b: External Wait Feature Enabled
The external wait operation is shown in this example. It can be used to exceed the amount of stretch cycles
over the programmed number in EXSTR[2:0]. The feature must be enabled by writing EWAITE = 1.
If the EWAIT signal is not asserted, the number of stretch cycles is forced to a minimum of 2 cycles. If
EWAIT is asserted within the predefined time window during the access it will be strobed active and
another stretch cycle is added. If strobed inactive, the next cycle will be the last cycle before the access is
finished. EWAIT can be held asserted as long as desired to stretch the access.
An access with 1 cycle stretch by EWAIT assertion is shown in
•
Figure ‘Example 1b: Normal Expanded Mode — Stretched Read Access’
•
Figure ‘Example 1b: Normal Expanded Mode — Stretched Write Access’
The associated timing numbers for both operations are given in
•
Table ‘Example 1b: Normal Expanded Mode Timing VDD5 = 5.0 V (EWAITE = 1)’
•
Table ‘Example 1b: Normal Expanded Mode Timing VDD5 = 3.0 V (EWAITE = 1)’
It is recommended to use the free-running clock (ECLK) at the fastest rate (bus clock rate) to synchronize
the EWAIT input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com