Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 810 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 810 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 806Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 807Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 808Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 809Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 810Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 811Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 812Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 813Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 814Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 810 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
810
Freescale Semiconductor
22.2
External Signal Description
This section lists and describes the signals that do connect off-chip.
22.2.1
Signal Properties
Table 22-1 shows all the pins and their functions that are controlled by the PIM. Refer to Section 22.4,
“Functional Description” for the availability of the individual pins in the different package options.
NOTE
If there is more than one function associated with a pin, the priority is
indicated by the position in the table from top (highest priority) to bottom
(lowest priority).
Table 22-1. Pin Functions and Priorities (Sheet 1 of 7)
Port
Pin Name
Pin Function
and Priority
I/O
Description
Pin Function
after Reset
—
BKGD
MODC1
I
MODC input during RESET
BKGD
BKGD
I/O
S12X_BDM communication pin
A
PA[7:0]
ADDR[15:8]
mux
IVD[15:8]2
O
High-order external bus address output
(multiplexed with IVIS data)
Mode
dependent3
GPIO
I/O
General-purpose I/O
B
PB[7:1]
ADDR[7:1]
mux
IVD[7:1]2
O
Low-order external bus address output
(multiplexed with IVIS data)
Mode
dependent3
GPIO
I/O
General-purpose I/O
PB[0]
ADDR[0]
mux
IVD02
O
Low-order external bus address output
(multiplexed with IVIS data)
UDS
O
Upper data strobe
GPIO
I/O
General-purpose I/O
C
PC[7:0]
DATA[15:8]
I/O
High-order bidirectional data input/output
Configurable for reduced input threshold
Mode
dependent3
GPIO
I/O
General-purpose I/O
D
PD[7:0]
DATA[7:0]
I/O
Low-order bidirectional data input/output
Configurable for reduced input threshold
Mode
dependent3
GPIO
I/O
General-purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com