Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 819 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 819 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 815Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 816Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 817Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 818Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 819Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 820Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 821Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 822Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 823Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 819 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
819
0x0264
Port H Pull Device Enable Register (PERH)
Read / Write
0x0265
Port H Polarity Select Register (PPSH)
Read / Write
0x0266
Port H Interrupt Enable Register (PIEH)
Read / Write
0x0267
Port H Interrupt Flag Register (PIFH)
Read / Write
0x0268
Port J Data Register (PTJ)
Read / Write1
0x0269
Port J Input Register (PTIJ)
Read
0x026A
Port J Data Direction Register (DDRJ)
Read / Write1
0x026B
Port J Reduced Drive Register (RDRJ)
Read / Write1
0x026C
Port J Pull Device Enable Register (PERJ)
Read / Write1
0x026D
Port J Polarity Select Register (PPSJ)
Read / Write1
0x026E
Port J Interrupt Enable Register (PIEJ)
Read / Write1
0x026F
Port J Interrupt Flag Register (PIFJ)
Read / Write1
0x0270
Reserved
—
0x0271
Port AD0 Data Register 1 (PT1AD0)
Read / Write
0x0272
Reserved
—
0x0273
Port AD0 Data Direction Register 1 (DDR1AD0)
Read / Write
0x0274
Reserved
—
0x0275
Port AD0 Reduced Drive Register 1 (RDR1AD0)
Read / Write
0x0276
Reserved
—
0x0277
Port AD0 Pull Up Enable Register 1 (PER1AD0)
Read / Write
0x0278
Port AD1 Data Register 0 (PT0AD1)
Read / Write
0x0279
Port AD1 Data Register 1 (PT1AD1)
Read / Write
0x027A
Port AD1 Data Direction Register 0 (DDR0AD1)
Read / Write
0x027B
Port AD1 Data Direction Register 1 (DDR1AD1)
Read / Write
0x027C
Port AD1 Reduced Drive Register 0 (RDR0AD1)
Read / Write
0x027D
Port AD1 Reduced Drive Register 1 (RDR1AD1)
Read / Write
0x027E
Port AD1 Pull Up Enable Register 0 (PER0AD1)
Read / Write
0x027F
Port AD1 Pull Up Enable Register 1 (PER1AD1)
Read / Write
1 Write access not applicable for one or more register bits. Refer to Section 22.3.2, “Register
Descriptions”.
Table 22-2. PIM Memory Map (Sheet 3 of 3)
Address
Use
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com