Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 848 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 848 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 844Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 845Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 846Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 847Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 848Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 849Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 850Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 851Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 852Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 848 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
848
Freescale Semiconductor
22.3.2.30 Port M Data Register (PTM)
Read: Anytime.
Write: Anytime.
Port M pins 75–0 are associated with the CAN0, CAN1, CAN2, CAN3, SCI3, as well as the routed CAN0,
CAN4, and SPI0 modules. When not used with any of the peripherals, these pins can be used as general
purpose I/O.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read.
76543210
R
PTM7
PTM6
PTM5
PTM4
PTM3
PTM2
PTM1
PTM0
W
CAN
TXCAN3
RXCAN3
TXCAN2
RXCAN2
TXCAN1
RXCAN1
TXCAN0
RXCAN0
Routed
CAN0
TXCAN0
RXCAN0
TXCAN0
RXCAN0
Routed
CAN4
TXCAN4
RXCAN4
TXCAN4
RXCAN4
Routed
SPIO
SCK0
MOSI0
SS0
MISO0
Reset
00000000
Figure 22-32. Port M Data Register (PTM)
Table 22-32. PTM Field Descriptions
Field
Description
7–6
PTM[7:6]
The CAN3 function (TXCAN3 and RXCAN3) takes precedence over the CAN4, SCI3 and the general purpose
I/O function if the CAN3 module is enabled. Refer to MSCAN section for details.
The CAN4 function (TXCAN4 and RXCAN4) takes precedence over
the SCI3 and the general purpose I/O
function if the CAN4 module is enabled. Refer to MSCAN section for details.
The SCI3 function (TXD3 and RXD3) takes precedence over the general purpose I/O function if the SCI3 module
is enabled. Refer to SCI section for details.
5–4
PTM[5:4]
The CAN2 function (TXCAN2 and RXCAN2) takes precedence over the routed CAN0, routed CAN4, the routed
SPI0 and the general purpose I/O function if the CAN2 module is enabled{pim_9xd_prio.m}.
The routed CAN0 function (TXCAN0 and RXCAN0) takes precedence over the routed CAN4, the routed SPI0
and the general purpose I/O function if the routed CAN0 module is enabled.
The routed CAN4 function (TXCAN4 and RXCAN4) takes precedence over the routed SPI0 and general purpose
I/O function if the routed CAN4 module is enabled. Refer to MSCAN section for details.
The routed SPI0 function (SCK0 and MOSI0) takes precedence of the general purpose I/O function if the routed
SPI0 is enabled. Refer to SPI section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com