Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 853 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 853 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 849Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 850Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 851Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 852Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 853Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 854Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 855Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 856Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 857Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 853 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
853
22.3.2.35 Port M Polarity Select Register (PPSM)
Read: Anytime.
Write: Anytime.
This register selects whether a pull-down or a pull-up device is connected to the pin. If CAN is active a
pull-up device can be activated on the RXCAN[3:0] inputs, but not a pull-down.
22.3.2.36 Port M Wired-OR Mode Register (WOMM)
Read: Anytime.
Write: Anytime.
This register configures the output pins as wired-OR. If enabled the output is driven active low only
(open-drain). A logic level of “1” is not driven. It applies also to the CAN outputs and allows a multipoint
connection of several serial modules. This bit has no influence on pins used as inputs.
76543210
R
PPSM7
PPSM6
PPSM5
PPSM4
PPSM3
PPSM2
PPSM1
PPSM0
W
Reset
00000000
Figure 22-37. Port M Polarity Select Register (PPSM)
Table 22-36. PPSM Field Descriptions
Field
Description
7–0
PPSM[7:0]
Pull Select Port M
0 A pull-up device is connected to the associated port M pin, if enabled by the associated bit in register PERM
and if the port is used as general purpose or RXCAN input.
1 A pull-down device is connected to the associated port M pin, if enabled by the associated bit in register PERM
and if the port is used as a general purpose but not as RXCAN.
76543210
R
WOMM7
WOMM6
WOMM5
WOMM4
WOMM3
WOMM2
WOMM1
WOMM0
W
Reset
00000000
Figure 22-38. Port M Wired-OR Mode Register (WOMM)
Table 22-37. WOMM Field Descriptions
Field
Description
7–0
WOMM[7:0]
Wired-OR Mode Port M
0 Output buffers operate as push-pull outputs.
1 Output buffers operate as open-drain outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com