Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 870 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 870 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 866Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 867Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 868Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 869Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 870Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 871Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 872Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 873Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 874Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 870 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
870
Freescale Semiconductor
22.3.2.56 Port J Data Direction Register (DDRJ)
Read: Anytime.
Write: Anytime.
This register configures each port J pin as either input or output.
The CAN forces the I/O state to be an output on PJ7 (TXCAN4) and an input on pin PJ6 (RXCAN4). The
IIC takes control of the I/O if enabled. In these cases the data direction bits will not change.
The SCI2 forces the I/O state to be an output for each port line associated with an enabled output (TXD2).
It also forces the I/O state to be an input for each port line associated with an enabled input (RXD2). In
these cases the data direction bits will not change.
The DDRJ bits revert to controlling the I/O direction of a pin when the associated peripheral module is
disabled.
76543210
R
DDRJ7
DDRJ6
DDRJ5
DDRJ4
0
DDRJ2
DDRJ1
DDRJ0
W
Reset
00000000
= Unimplemented or Reserved
Figure 22-58. Port J Data Direction Register (DDRJ)
Table 22-52. DDRJ Field Descriptions
Field
Description
7–0
DDRJ[7:4]
DDRJ[2:0]
Data Direction Port J
0 Associated pin is configured as input.
1 Associated pin is configured as output.
Note: Due to internal synchronization circuits, it can take up to 2 bus clock cycles until the correct value is read
on PTJ or PTIJ registers, when changing the DDRJ register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com