Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 963 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 963 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 959Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 960Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 961Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 962Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 963Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 964Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 965Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 966Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 967Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 963 / 1350 page
background image
23.0.6
Registers
23.0.6.1
Data Register
This register holds the value driven out to the pin if the pin is used as a general purpose I/O.
Writing to this register has only an effect on the pin if the pin is used as general purpose output.
When reading this address, the buffered state of the pin is returned if the associated data direction
register bit is set to “0”.
If the data direction register bits are set to logic level “1”, the contents of the data register is
returned. This is independent of any other configuration (Figure 23-76).
23.0.6.2
Input Register
This is a read-only register and always returns the buffered state of the pin (Figure 23-76).
23.0.6.3
Data Direction Register
This register defines whether the pin is used as an input or an output.
If a peripheral module controls the pin the contents of the data direction register is ignored
(Figure 23-76).
P
yes
yes
yes
yes
yes
yes
—
yes
yes
H
yes
yes
yes
yes
yes
yes
—
yes
yes
J
yes
yes
yes
yes
yes
yes
—
yes
yes
AD0
yes
yes
—
yes
yes
—
—
—
—
AD1
yes
yes
—
yes
yes
—
—
—
—
1. Each cell represents one register with individual configuration bits
Table 23-67. Register Availability per Port1
Port
Data
Data
Direction
Input
Reduced
Drive
Pull
Enable
Polarity
Select
Wired-OR
Mode
Interrupt
Enable
Interrupt
Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com