Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 978 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 978 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 974Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 975Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 976Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 977Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 978Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 979Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 980Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 981Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 982Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 978 / 1350 page
background image
Chapter 24 DG128 Port Integration Module (S12XDG128PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
978
Freescale Semiconductor
External Signal Description
This section lists and describes the signals that do connect off-chip.
24.0.3
Signal Properties
Table 24-1 shows all the pins and their functions that are controlled by the PIM. Refer to Section ,
“Functional Description” for the availability of the individual pins in the different package options.
NOTE
If there is more than one function associated with a pin, the priority is
indicated by the position in the table from top (highest priority) to bottom
(lowest priority).
Table 24-1. Pin Functions and Priorities (Sheet 1 of 5)
Port
Pin Name
Pin Function
and Priority
I/O
Description
Pin Function
after Reset
—
BKGD
MODC1
I
MODC input during RESET
BKGD
BKGD
I/O
S12X_BDM communication pin
A
PA[7:0]
GPIO
I/O
General-purpose I/O
GPIO
B
PB[7:0]
GPIO
I/O
General-purpose I/O
GPIO
E
PE[7]
XCLKS1
I
External clock selection input during RESET
ECLKX2
I
Free-running clock output at Core Clock rate (ECLK x 2)
GPIO
I/O
General-purpose I/O
PE[6:5]
GPIO
I/O
General-purpose I/O
PE[4]
ECLK
O
Free-running clock output at the Bus Clock rate or
programmable divided in normal modes
GPIO
I/O
General-purpose I/O
PE[3:2]
GPIO
I/O
General-purpose I/O
PE[1]
IRQ
I
Maskable level- or falling edge-sensitive interrupt input
GPIO
I/O
General-purpose I/O
PE[0]
XIRQ
I
Non-maskable level-sensitive interrupt input
GPIO
I/O
General-purpose I/O
K
PK[7]
GPIO
I/O
General-purpose I/O
GPIO
PK[5:0]
GPIO
I/O
General-purpose I/O
T
PT[7:0]
IOC[7:0]
I/O
Enhanced Capture Timer Channels 7–0 input/output
GPIO
GPIO
I/O
General-purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com