Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1031 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1031 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1027Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1028Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1029Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1030Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1031Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1032Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1033Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1034Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1035Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1031 / 1350 page
background image
24.0.7
Ports
24.0.7.1
BKGD Pin
The BKGD pin is associated with the S12X_BDM and S12X_EBI modules. During reset, the
BKGD pin is used as MODC input.
24.0.7.2
Port A and B
Port A pins PA[7:0] and Port B pins PB[7:0] can be used for either general-purpose I/O.
24.0.7.3
Port E
Port E pins PE[7:2] can be used for either general-purpose I/O or with the alternative functions.
Port E pin PE[7] an be used for either general-purpose I/O or as the free-running clock ECLKX2
output running at the core clock rate. The clock output is always enabled in emulation modes.
Port E pin PE[4] an be used for either general-purpose I/O or as the free-running clock ECLK
output running at the bus clock rate or at the programmed divided clock rate. The clock output is
always enabled in emulation modes.
Port E pin PE[1] can be used for either general-purpose input or as the level- or falling edge-
sensitive IRQ interrupt input. IRQ will be enabled by setting the IRQEN configuration bit
(Section 24.0.5.10, “IRQ Control Register (IRQCR)”) and clearing the I-bit in the CPU’s condition
code register. It is inhibited at reset so this pin is initially configured as a simple input with a pull-
up.
Port E pin PE[0] can be used for either general-purpose input or as the level-sensitive XIRQ
interrupt input. XIRQ can be enabled by clearing the X-bit in the CPU’s condition code register. It
is inhibited at reset so this pin is initially configured as a high-impedance input with a pull-up.
24.0.7.4
Port K
Port K pins PK[7:0] can be used for either general-purpose I/O.
Table 24-61. Module Implementations on Derivatives
Number
of Modules
MSCAN Modules
SPI Modules
CAN0
CAN1
CAN2
CAN3
CAN4
SPI0
SPI1
SPI2
5
yes
yes
yes
yes
yes
—
—
—
4
yes
yes
yes
—
yes
—
—
—
3
yes
yes
—
—
yes
yes
yes
yes
2
yes
—
—
—
yes
yes
yes
—
1
yes
————
yes
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com