Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1087 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1087 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1083Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1084Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1085Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1086Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1087Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1088Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1089Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1090Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1091Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1087 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1087
then 182 kHz. In this case, the EEPROM program and erase algorithm timings are increased over the
optimum target by:
CAUTION
Program and erase command execution time will increase proportionally
with the period of EECLK. Because of the impact of clock synchronization
on the accuracy of the functional timings, programming or erasing the
EEPROM memory cannot be performed if the bus clock runs at less than 1
MHz. Programming or erasing the EEPROM memory with EECLK < 150
kHz should be avoided. Setting ECLKDIV to a value such that EECLK <
150 kHz can destroy the EEPROM memory due to overstress. Setting
ECLKDIV to a value such that (1/EECLK+Tbus) < 5
µs can result in
incomplete programming or erasure of the EEPROM memory cells.
If the ECLKDIV register is written, the EDIVLD bit is set automatically. If the EDIVLD bit is 0, the
ECLKDIV register has not been written since the last reset. If the ECLKDIV register has not been written
to, the EEPROM command loaded during a command write sequence will not execute and the ACCERR
flag in the ESTAT register will set.
200 182
–
() 200
⁄
100
×
9%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com