Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1123 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1123 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1119Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1120Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1121Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1122Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1123Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1124Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1125Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1126Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1123 / 1350 page
background image
Chapter 27 512 Kbyte Flash Module (S12XFTX512K4V2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1123
27.3.2.7
Flash Command Register (FCMD)
The FCMD register is the Flash command register.
All CMDB bits are readable and writable during a command write sequence while bit 7 reads 0 and is not
writable.
27.3.2.8
Flash Control Register (FCTL)
The FCTL register is the Flash control register.
All bits in the FCTL register are readable but are not writable.
76543210
R0
CMDB
W
Reset
11000000
= Unimplemented or Reserved
Figure 27-14. Flash Command Register (FCMD)
Table 27-17. FCMD Field Descriptions
Field
Description
6-0
CMDB[6:0]
Flash Command — Valid Flash commands are shown in Table 27-18. Writing any command other than those
listed in Table 27-18 sets the ACCERR flag in the FSTAT register.
Table 27-18. Valid Flash Command List
CMDB[6:0]
NVM Command
0x05
Erase Verify
0x06
Data Compress
0x20
Word Program
0x40
Sector Erase
0x41
Mass Erase
0x47
Sector Erase Abort
76543210
R
NV7
NV6
NV5
NV4
NV3
NV2
NV1
NV0
W
Reset
F
F
F
FFFFF
= Unimplemented or Reserved
Figure 27-15. Flash Control Register (FCTL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com