Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1193 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1193 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1189Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1190Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1191Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1192Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1193Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1194Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1195Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1196Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1197Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1193 / 1350 page
background image
Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1193
29.3
Memory Map and Register Definition
This section describes the memory map and registers for the Flash module.
29.3.1
Module Memory Map
The Flash memory map is shown in Figure 29-2. The HCS12X architecture places the Flash memory
addresses between global addresses 0x7E_0000 and 0x7F_FFFF. The FPROT register, described in
Section 29.3.2.5, “Flash Protection Register (FPROT)”, can be set to protect regions in the Flash memory
from accidental program or erase. Three separate memory regions, one growing upward from global
address 0x7F_8000 in the Flash memory (called the lower region), one growing downward from global
address 0x7F_FFFF in the Flash memory (called the higher region), and the remaining addresses in the
Flash memory, can be activated for protection. The Flash memory addresses covered by these protectable
regions are shown in the Flash memory map. The higher address region is mainly targeted to hold the boot
loader code since it covers the vector space. The lower address region can be used for EEPROM emulation
in an MCU without an EEPROM module since it can be left unprotected while the remaining addresses
are protected from program or erase. Default protection settings as well as security information that allows
the MCU to restrict access to the Flash module are stored in the Flash configuration field as described in
Table 29-1.
Table 29-1. Flash Configuration Field
Global Address
Size
(Bytes)
Description
0x7F_FF00 – 0x7F_FF07
8
Backdoor Comparison Key
Refer to Section 29.6.1, “Unsecuring the MCU using Backdoor Key Access”
0x7F_FF08 – 0x7F_FF0C
5
Reserved
0x7F_FF0D
1
Flash Protection byte
Refer to Section 29.3.2.5, “Flash Protection Register (FPROT)”
0x7F_FF0E
1
Flash Nonvolatile byte
Refer to Section 29.3.2.8, “Flash Control Register (FCTL)”
0x7F_FF0F
1
Flash Security byte
Refer to Section 29.3.2.2, “Flash Security Register (FSEC)”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com