Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1200 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1200 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1196Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1197Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1198Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1199Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1200Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1201Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1202Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1203Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1204Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1200 / 1350 page
background image
Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1200
Freescale Semiconductor
Table 29-9. FPROT Field Descriptions
Field
Description
7
FPOPEN
Flash Protection Open — The FPOPEN bit determines the protection function for program or erase as shown
in Table 29-10.
0 The FPHDIS and FPLDIS bits define unprotected address ranges as specified by the corresponding
FPHS[1:0] and FPLS[1:0] bits. For an MCU without an EEPROM module, the FPOPEN clear state allows the
main part of the Flash block to be protected while a small address range can remain unprotected for EEPROM
emulation.
1 The FPHDIS and FPLDIS bits enable protection for the address range specified by the corresponding
FPHS[1:0] and FPLS[1:0] bits.
6
RNV6
Reserved Nonvolatile Bit — The RNV[6] bit should remain in the erased state for future enhancements.
5
FPHDIS
Flash Protection Higher Address Range Disable — The FPHDIS bit determines whether there is a
protected/unprotected area in a specific region of the Flash memory ending with global address 0x7F_FFFF.
0 Protection/Unprotection enabled.
1 Protection/Unprotection disabled.
4:3
FPHS[1:0]
Flash Protection Higher Address Size — The FPHS[1:0] bits determine the size of the protected/unprotected
area as shown inTable 29-11. The FPHS[1:0] bits can only be written to while the FPHDIS bit is set.
2
FPLDIS
Flash Protection Lower Address Range Disable — The FPLDIS bit determines whether there is a
protected/unprotected area in a specific region of the Flash memory beginning with global address 0x7F_8000.
0 Protection/Unprotection enabled.
1 Protection/Unprotection disabled.
1:0
FPLS[1:0]
Flash Protection Lower Address Size — The FPLS[1:0] bits determine the size of the protected/unprotected
area as shown in Table 29-12. The FPLS[1:0] bits can only be written to while the FPLDIS bit is set.
Table 29-10. Flash Protection Function
FPOPEN
FPHDIS
FPLDIS
Function1
1 For range sizes, refer to Table 29-11 and Table 29-12.
1
1
1
No Protection
1
1
0
Protected Low Range
1
0
1
Protected High Range
1
0
0
Protected High and Low Ranges
0
1
1
Full Flash memory Protected
0
1
0
Unprotected Low Range
0
0
1
Unprotected High Range
0
0
0
Unprotected High and Low Ranges
Table 29-11. Flash Protection Higher Address Range
FPHS[1:0]
Global
Address Range
Protected Size
00
0x7F_F800–0x7F_FFFF
2 Kbytes
01
0x7F_F000–0x7F_FFFF
4 Kbytes
10
0x7F_E000–0x7F_FFFF
8 Kbytes
11
0x7F_C000–0x7F_FFFF
16 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com