Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1215 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1215 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1211Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1212Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1213Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1214Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1215Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1216Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1217Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1218Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1219Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1215 / 1350 page
background image
Chapter 29 128 Kbyte Flash Module (S12XFTX128K1V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1215
29.4.2.2
Data Compress Command
The data compress operation will check Flash code integrity by compressing data from a selected portion
of the Flash memory into a signature analyzer.
An example flow to execute the data compress operation is shown in Figure 29-24. The data compress
command write sequence is as follows:
1. Write to a Flash block address to start the command write sequence for the data compress
command. The address written determines the starting address for the data compress operation and
the data written determines the number of consecutive words to compress. If the data value written
is 0x0000, 64K addresses or 128 Kbytes will be compressed.
2. Write the data compress command, 0x06, to the FCMD register.
3. Clear the CBEIF flag in the FSTAT register by writing a 1 to CBEIF to launch the data compress
command.
After launching the data compress command, the CCIF flag in the FSTAT register will set after the data
compress operation has completed. The number of bus cycles required to execute the data compress
operation is equal to two times the number of consecutive words to compress plus 18 bus cycles as
measured from the time the CBEIF flag is cleared until the CCIF flag is set. Once the CCIF flag is set, the
signature generated by the data compress operation is available in the FDATA registers. The signature in
the FDATA registers can be compared to the expected signature to determine the integrity of the selected
data stored in the selected Flash memory. If the last address of a Flash block is reached during the data
compress operation, data compression will continue with the starting address of the Flash block. The
MRDS bits in the FTSTMOD register will determine the sense-amp margin setting during the data
compress operation.
NOTE
Since the FDATA registers (or data buffer) are written to as part of the data
compress operation, a command write sequence is not allowed to be
buffered behind a data compress command write sequence. The CBEIF flag
will not set after launching the data compress command to indicate that a
command should not be buffered behind it. If an attempt is made to start a
new command write sequence with a data compress operation active, the
ACCERR flag in the FSTAT register will be set. A new command write
sequence should only be started after reading the signature stored in the
FDATA registers.
In order to take corrective action, it is recommended that the data compress command be executed on a
Flash sector or subset of a Flash sector. If the data compress operation on a Flash sector returns an invalid
signature, the Flash sector should be erased using the sector erase command and then reprogrammed using
the program command.
The data compress command can be used to verify that a sector or sequential set of sectors are erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com