Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1259 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1259 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1255Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1256Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1257Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1258Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1259Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1260Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1261Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1262Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1263Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1259 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1259
A.3
NVM, Flash, and EEPROM
NOTE
Unless otherwise noted the abbreviation NVM (nonvolatile memory) is used
for both Flash and EEPROM.
A.3.1
NVM Timing
The time base for all NVM program or erase operations is derived from the oscillator. A minimum
oscillator frequency fNVMOSC is required for performing program or erase operations. The NVM modules
do not have any means to monitor the frequency and will not prevent program or erase operation at
frequencies above or below the specified minimum. Attempting to program or erase the NVM modules at
a lower frequency a full program or erase transition is not assured.
The Flash and EEPROM program and erase operations are timed using a clock derived from the oscillator
using the FCLKDIV and ECLKDIV registers respectively. The frequency of this clock must be set within
the limits specified as fNVMOP.
The minimum program and erase times shown in Table A-17 are calculated for maximum fNVMOP and
maximum fbus. The maximum times are calculated for minimum fNVMOP and a fbus of 2 MHz.
A.3.1.1
Single Word Programming
The programming time for single word programming is dependant on the bus frequency as a well as on the
frequency fNVMOP and can be calculated according to the following formula.
A.3.1.2
Burst Programming
This applies only to the Flash where up to 64 words in a row can be programmed consecutively using burst
programming by keeping the command pipeline filled. The time to program a consecutive word can be
calculated as:
The time to program a whole row is:
Burst programming is more than 2 times faster than single word programming.
t
swpgm
9
1
f
NVMOP
-------------------------
⋅
25
1
f
bus
------------
⋅
+
=
t
bwpgm
4
1
f
NVMOP
-------------------------
⋅
9
1
f
bus
------------
⋅
+
=
t
brpgm
t
swpgm
63 t
bwpgm
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com