Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1285 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1285 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1281Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1282Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1283Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1284Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1285Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1286Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1287Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1288Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1289Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1285 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1285
Table A-30. Example 2a: Emulation Single-Chip Mode Timing VDD35 = 5.0 V (EWAITE = 0)
No.
C
Characteristic1
1 Typical supply and silicon, room temperature only
Symbol
Min
Max
Unit
—
—
Frequency of internal bus
fi
D.C.
40.0
MHz
1
—
Cycle time
tcyc
25
∞
ns
2
D
Pulse width, E high
PWEH
11.5
—
ns
3
D
Pulse width, E low
PWEL
11.5
—
ns
4
D
Address delay time
tAD
—5
ns
5
D
Address hold time
tAH
0—
ns
6
D
IVDx delay time2
2 Includes also ACCx, IQSTATx
tIVDD
—
4.5
ns
7
D
IVDx hold time2
tIVDH
0—
ns
8
D
Read data setup time (ITHRS = 1 only) Maskset M84E
tDSR
15
—
ns
D
Read data setup time (ITHRS = 1 only) Maskset L15Y
tDSR
12
—
ns
9
D
Read data hold time
tDHR
0—
ns
10
D
Write data delay time
tDDW
—5
ns
11
D
Write data hold time
tDHW
0—
ns
12
D
Read/write data delay time3
3 Includes LSTRB
tRWD
–1
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com