Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 1308 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 1308 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 1304Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1305Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1306Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1307Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1308Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1309Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1310Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1311Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 1312Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1308 / 1350 page
background image
Appendix F Ordering Information
MC9S12XDP512 Data Sheet, Rev. 2.17
1308
Freescale Semiconductor
Appendix F
Ordering Information
The following figure provides an ordering number example for the devices covered by this data book.
There are two options when ordering a device. Customers must choose between ordering either the
mask-specific partnumber or the generic / mask-independent partnumber Ordering the mask-specific
partnumber enables the customer to specify which particular maskset they will receive whereas FSL will
ship the currently preferred maskset against any orders for the generic partnumber. In either case, the
marking on the device will always show the generic / mask-independent partnumber and the mask set
number. For specific partnumbers, please contact your local sales office. The below figure illustrates a
mask-specific ordering number.
Part numbers may be abbreviated: check with manufacturer for exact part
number
Tape & Reel Suffix (Optional):
R = Tape & Reel
Maskset identifier suffix (two digits):
First digit references wafer fab
Second digit differentiates mask
This suffix is omitted in generic partnumbers
J1 = 1L15Y maskset in this case
F0 = 0M42E maskset in this case
S 9 12XDP512 J1 M AL R
Package Option
Temperature Option
FU = 80QFP (non lead -free)
PV = 112LQFP (non lead -free)
FV = 144LQFP (non lead -free)
C = -40 to 85
°C
V = -40 to 105
°C
M = -40 to 125
°C
Part name
(abbreviated)
No R = No Tape & Reel
AA = 80QFP (lead free)
AL=112LQFP (lead free)
AG = 144LQFP (Lead free)
Main Memory Type
9=Flash
3=ROM
Status / Partnumber type
S or SC = Maskset specific partnumber
MC = Generic/mask independent partnumber
P or PC = Prototype status
see Table 1-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com