Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 325 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 325 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 321Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 322Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 323Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 324Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 325Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 326Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 327Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 328Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 329Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
325
7.3.2.9
Timer Control Register 3/Timer Control Register 4 (TCTL3/TCTL4)
Read or write: Anytime
All bits reset to zero.
76543210
R
EDG7B
EDG7A
EDG6B
EDG6A
EDG5B
EDG5A
EDG4B
EDG4A
W
Reset
00000000
Figure 7-13. Timer Control Register 3 (TCTL3)
76543210
R
EDG3B
EDG3A
EDG2B
EDG2A
EDG1B
EDG1A
EDG0B
EDG0A
W
Reset
00000000
Figure 7-14. Timer Control Register 4 (TCTL4)
Table 7-11. TCTL3/TCTL4 Field Descriptions
Field
Description
EDG[7:0]B
7, 5, 3, 1
Input Capture Edge Control — These eight pairs of control bits configure the input capture edge detector
circuits for each input capture channel. The four pairs of control bits in TCTL4 also configure the input capture
edge control for the four 8-bit pulse accumulators PAC0–PAC3.EDG0B and EDG0A in TCTL4 also determine the
active edge for the 16-bit pulse accumulator PACB. See Table 7-12.
EDG[7:0]A
6, 4, 2, 0
Table 7-12. Edge Detector Circuit Configuration
EDGxB
EDGxA
Configuration
0
0
Capture disabled
0
1
Capture on rising edges only
1
0
Capture on falling edges only
1
1
Capture on any edge (rising or falling)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com