Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 395 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 395 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 391Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 392Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 393Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 394Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 395Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 396Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 397Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 398Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 399Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 1350 page
background image
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
395
Chapter 9
Inter-Integrated Circuit (IICV2) Block Description
9.1
Introduction
The inter-IC bus (IIC) is a two-wire, bidirectional serial bus that provides a simple, efficient method of data
exchange between devices. Being a two-wire device, the IIC bus minimizes the need for large numbers of
connections between devices, and eliminates the need for an address decoder.
This bus is suitable for applications requiring occasional communications over a short distance between a
number of devices. It also provides flexibility, allowing additional devices to be connected to the bus for
further expansion and system development.
The interface is designed to operate up to 100 kbps with maximum bus loading and timing. The device is
capable of operating at higher baud rates, up to a maximum of clock/20, with reduced bus loading. The
maximum communication length and the number of devices that can be connected are limited by a
maximum bus capacitance of 400 pF.
9.1.1
Features
The IIC module has the following key features:
•
Compatible with I2C bus standard
•
Multi-master operation
•
Software programmable for one of 256 different serial clock frequencies
•
Software selectable acknowledge bit
•
Interrupt driven byte-by-byte data transfer
•
Arbitration lost interrupt with automatic mode switching from master to slave
•
Calling address identification interrupt
•
Start and stop signal generation/detection
•
Repeated start signal generation
•
Acknowledge bit generation/detection
•
Bus busy detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com