Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 432 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 432 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 428Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 429Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 430Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 431Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 432Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 433Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 434Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 435Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 436Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
432
Freescale Semiconductor
10.3.2.6
MSCAN Receiver Interrupt Enable Register (CANRIER)
This register contains the interrupt enable bits for the interrupt flags described in the CANRFLG register.
NOTE
The CANRIER register is held in the reset state when the initialization mode
is active (INITRQ=1 and INITAK=1). This register is writable when not in
initialization mode (INITRQ=0 and INITAK=0).
The RSTATE[1:0], TSTATE[1:0] bits are not affected by initialization
mode.
Read: Anytime
Write: Anytime when not in initialization mode
1
OVRIF
Overrun Interrupt Flag — This flag is set when a data overrun condition occurs. If not masked, an error interrupt
is pending while this flag is set.
0
No data overrun condition
1
A data overrun detected
0
RXF2
Receive Buffer Full Flag — RXF is set by the MSCAN when a new message is shifted in the receiver FIFO.
This flag indicates whether the shifted buffer is loaded with a correctly received message (matching identifier,
matching cyclic redundancy code (CRC) and no other errors detected). After the CPU has read that message
from the RxFG buffer in the receiver FIFO, the RXF flag must be cleared to release the buffer. A set RXF flag
prohibits the shifting of the next FIFO entry into the foreground buffer (RxFG). If not masked, a receive interrupt
is pending while this flag is set.
0
No new message available within the RxFG
1
The receiver FIFO is not empty. A new message is available in the RxFG
1 Redundant Information for the most critical CAN bus status which is “bus-off”. This only occurs if the Tx error counter exceeds
a number of 255 errors. Bus-off affects the receiver state. As soon as the transmitter leaves its bus-off state the receiver state
skips to RxOK too. Refer also to TSTAT[1:0] coding in this register.
2 To ensure data integrity, do not read the receive buffer registers while the RXF flag is cleared. For MCUs with dual CPUs,
reading the receive buffer registers while the RXF flag is cleared may result in a CPU fault condition.
76543210
R
WUPIE
CSCIE
RSTATE1
RSTATE0
TSTATE1
TSTATE0
OVRIE
RXFIE
W
Reset:
00000000
Figure 10-9. MSCAN Receiver Interrupt Enable Register (CANRIER)
Table 10-9. CANRFLG Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com