| Electronic Components Datasheet Search |
|
PC312XDP512F0CFVR Datasheet(PDF) 532 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PC312XDP512F0CFVR Datasheet(HTML) 532 Page - Freescale Semiconductor, Inc |
|
532 / 1350 page ![]() Chapter 12 Serial Peripheral Interface (S12SPIV4) MC9S12XDP512 Data Sheet, Rev. 2.17 532 Freescale Semiconductor Data reception is double buffered. Data is shifted serially into the SPI shift register during the transfer and is transferred to the parallel SPI data register after the last bit is shifted in. After the 16th (last) SCK edge: • Data that was previously in the master SPI data register should now be in the slave data register and the data that was in the slave data register should be in the master. • The SPIF flag in the SPI status register is set, indicating that the transfer is complete. Figure 12-11 is a timing diagram of an SPI transfer where CPHA = 0. SCK waveforms are shown for CPOL = 0 and CPOL = 1. The diagram may be interpreted as a master or slave timing diagram because the SCK, MISO, and MOSI pins are connected directly between the master and the slave. The MISO signal is the output from the slave and the MOSI signal is the output from the master. The SS pin of the master must be either high or reconfigured as a general-purpose output not affecting the SPI. Figure 12-11. SPI Clock Format 0 (CPHA = 0) tL Begin End SCK (CPOL = 0) SAMPLE I CHANGE O SEL SS (O) Transfer SCK (CPOL = 1) MSB first (LSBFE = 0): LSB first (LSBFE = 1): MSB LSB LSB MSB Bit 5 Bit 2 Bit 6 Bit 1 Bit 4 Bit 3 Bit 3 Bit 4 Bit 2 Bit 5 Bit 1 Bit 6 CHANGE O SEL SS (I) MOSI pin MISO pin Master only MOSI/MISO tT for tT, tl, tL Minimum 1/2 SCK tI tL tL = Minimum leading time before the first SCK edge tT = Minimum trailing time after the last SCK edge tI = Minimum idling time between transfers (minimum SS high time) tL, tT, and tI are guaranteed for the master mode and required for the slave mode. 1 2 34 56 78 9 10 11 12 13 14 15 16 SCK Edge Number End of Idle State Begin of Idle State |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |