Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 602 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 602 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 598Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 599Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 600Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 601Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 602Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 603Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 604Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 605Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 606Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 602 / 1350 page
background image
Chapter 16 Interrupt (S12XINTV1)
MC9S12XDP512 Data Sheet, Rev. 2.17
602
Freescale Semiconductor
16.3.1.2
XGATE Interrupt Priority Configuration Register (INT_XGPRIO)
Read: Anytime
Write: Anytime
Address: 0x0126
76543210
R
00000
XILVL[2:0]
W
Reset
00000001
= Unimplemented or Reserved
Figure 16-4. XGATE Interrupt Priority Configuration Register (INT_XGPRIO)
Table 16-3. INT_XGPRIO Field Descriptions
Field
Description
2–0
XILVL[2:0]
XGATE Interrupt Priority Level — The XILVL[2:0] bits configure the shared interrupt level of the DMA interrupts
coming from the XGATE module. Out of reset the priority is set to the lowest active level (“1”).
Table 16-4. XGATE Interrupt Priority Levels
Priority
XILVL2
XILVL1
XILVL0
Meaning
0
0
0
Interrupt request is disabled
low
0
0
1
Priority level 1
0
1
0
Priority level 2
0
1
1
Priority level 3
1
0
0
Priority level 4
1
0
1
Priority level 5
1
1
0
Priority level 6
high
1
1
1
Priority level 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com