Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 713 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 713 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 709Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 710Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 711Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 712Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 713Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 714Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 715Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 716Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 717Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 713 / 1350 page
background image
Chapter 19 Debug (S12XDBGV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
713
19.3.1.11.6
Debug Comparator Data Low Register (DBGXDL)
Read: Anytime
Write: Anytime when DBG not armed.
19.3.1.11.7
Debug Comparator Data High Mask Register (DBGXDHM)
Read: Anytime
Write: Anytime when DBG not armed.
0x002D
76543210
R
Bit 7
6
5
4
3
2
1
Bit 0
W
Reset
00000000
Figure 19-19. Debug Comparator Data Low Register (DBGXDL)
Table 19-33. DBGXDL Field Descriptions
Field
Description
7–0
Bits [7:0]
Comparator Data Low Compare Bits — The comparator data low compare bits control whether the selected
comparator compares the data bus bits [7:0] to a logic 1 or logic 0. The comparator data compare bits are only
used in comparison if the corresponding data mask bit is logic 1. This register is available only for comparators
A and C.
0 Compare corresponding data bit to a logic 0
1 Compare corresponding data bit to a logic 1
0x002E
76543210
R
Bit 15
14
13
12
11
10
9
Bit 8
W
Reset
00000000
Figure 19-20. Debug Comparator Data High Mask Register (DBGXDHM)
Table 19-34. DBGXDHM Field Descriptions
Field
Description
7–0
Bits [15:8]
Comparator Data High Mask Bits — The comparator data high mask bits control whether the selected
comparator compares the data bus bits [15:8] to the corresponding comparator data compare bits. This register
is available only for comparators A and C.
0 Do not compare corresponding data bit
1 Compare corresponding data bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com