Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 784 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 784 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 780Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 781Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 782Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 783Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 784Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 785Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 786Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 787Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 788Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 784 / 1350 page
background image
Chapter 20 S12X Debug (S12XDBGV3) Module
MC9S12XDP512 Data Sheet, Rev. 2.17
784
Freescale Semiconductor
upon the state of the DBGBRK or ARM bits in DBGC1. They depend solely on the state of the XGSBPE
and BDM bits. Thus it is not necessary to ARM the DBG module to use XGATE software breakpoints to
generate breakpoints in the S12XCPU program flow, but it is necessary to set XGSBPE. Furthermore, if a
breakpoint to BDM is required, the BDM bit must also be set. When the XGATE requests an S12XCPU
breakpoint, the XGATE program flow stops by default, independent of the S12XDBG module.
20.4.7.2
Breakpoints From Internal Comparator Channel Final State Triggers
Breakpoints can be generated when internal comparator channels trigger the state sequencer to the Final
State. If configured for tagging, then the breakpoint is generated when the tagged opcode reaches the
execution stage of the instruction queue.
If a tracing session is selected by the TSOURCE bits, breakpoints are requested when the tracing session
has completed, thus if Begin or Mid aligned triggering is selected, the breakpoint is requested only on
completion of the subsequent trace (see Table 20-44). If no tracing session is selected, breakpoints are
requested immediately.
If the BRK bit is set on the triggering channel, then the breakpoint is generated immediately independent
of tracing trigger alignment.
20.4.7.3
Breakpoints Generated Via The TRIG Bit
If a TRIG triggers occur, the Final State is entered. Tracing trigger alignment is defined by the TALIGN
bits. If a tracing session is selected by the TSOURCE bits, breakpoints are requested when the tracing
session has completed, thus if Begin or Mid aligned triggering is selected, the breakpoint is requested only
on completion of the subsequent trace (see Table 20-44). If no tracing session is selected, breakpoints are
requested immediately. TRIG breakpoints are possible even if the S12XDBG module is disarmed.
Table 20-44. Breakpoint Setup For Both XGATE and S12XCPU Breakpoints
BRK
TALIGN
DBGBRK[n]
Breakpoint Alignment
0
00
0
Fill Trace Buffer until trigger
(no breakpoints — keep running)
0
00
1
Fill Trace Buffer until trigger, then breakpoint request occurs
0
01
0
Start Trace Buffer at trigger
(no breakpoints — keep running)
0
01
1
Start Trace Buffer at trigger
A breakpoint request occurs when Trace Buffer is full
0
10
0
Store a further 32 Trace Buffer line entries after trigger
(no breakpoints — keep running)
0
10
1
Store a further 32 Trace Buffer line entries after trigger
Request breakpoint after the 32 further Trace Buffer entries
1
00,01,10
1
Terminate tracing and generate breakpoint immediately on trigger
1
00,01,10
0
Terminate tracing immediately on trigger
x
11
x
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com