Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 812 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 812 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 808Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 809Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 810Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 811Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 812Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 813Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 814Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 815Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 816Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 812 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
812
Freescale Semiconductor
K
PK[7]
ROMCTL1
I
ROMON bit control input during RESET
Mode
dependent3
EWAIT
I
External Wait signal
Configurable for reduced input threshold
GPIO
I/O
General-purpose I/O
PK[6:4]
ADDR[22:20]
mux
ACC[2:0]2
O
Extended external bus address output
(multiplexed with access master output)
GPIO
I/O
General-purpose I/O
PK[3:0]
ADDR[19:16]
mux
IQSTAT[3:0]2
O
Extended external bus address output
(multiplexed with instruction pipe status bits)
GPIO
I/O
General-purpose I/O
T
PT[7:0]
IOC[7:0]
I/O
Enhanced Capture Timer Channels 7–0 input/output
GPIO
GPIO
I/O
General-purpose I/O
S
PS7
SS0
I/O
Serial Peripheral Interface 0 slave select output in master
mode, input in slave mode or master mode.
GPIO
GPIO
I/O
General-purpose I/O
PS6
SCK0
I/O
Serial Peripheral Interface 0 serial clock pin
GPIO
I/O
General-purpose I/O
PS5
MOSI0
I/O
Serial Peripheral Interface 0 master out/slave in pin
GPIO
I/O
General-purpose I/O
PS4
MISO0
I/O
Serial Peripheral Interface 0 master in/slave out pin
GPIO
I/O
General-purpose I/O
PS3
TXD1
O
Serial Communication Interface 1 transmit pin
GPIO
I/O
General-purpose I/O
PS2
RXD1
I
Serial Communication Interface 1 receive pin
GPIO
I/O
General-purpose I/O
PS1
TXD0
O
Serial Communication Interface 0 transmit pin
GPIO
I/O
General-purpose I/O
PS0
RXD0
I
Serial Communication Interface 0 receive pin
GPIO
I/O
General-purpose I/O
Table 22-1. Pin Functions and Priorities (Sheet 3 of 7)
Port
Pin Name
Pin Function
and Priority
I/O
Description
Pin Function
after Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com