Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 840 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 840 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 836Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 837Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 838Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 839Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 840Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 841Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 842Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 843Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 844Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 840 / 1350 page
background image
Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
840
Freescale Semiconductor
22.3.2.17 Port T Data Register (PTT)
Read: Anytime.
Write: Anytime.
22.3.2.18 Port T Input Register (PTIT)
Read: Anytime.
Write: Never, writes to this register have no effect.
76543210
R
PTT7
PTT6
PTT5
PTT4
PTT3
PTT2
PTT1
PTT0
W
ECT
IOC7
IOC6
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
Reset
00000000
Figure 22-19. Port T Data Register (PTT)
Table 22-21. PTT Field Descriptions
Field
Description
7–0
PTT[7:0]
Port T — Port T bits 7–0 are associated with ECT channels IOC7–IOC0 (refer to ECT section). When not used
with the ECT, these pins can be used as general purpose I/O.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the port
register, otherwise the buffered pin input state is read.
76543210
R
PTIT7
PTIT6
PTIT5
PTIT4
PTIT3
PTIT2
PTIT1
PTIT0
W
Reset1
1 These registers are reset to zero. Two bus clock cycles after reset release the register values are updated with the associated
pin values.
————————
= Unimplemented or Reserved
Figure 22-20. Port T Input Register (PTIT)
Table 22-22. PTIT Field Descriptions
Field
Description
7–0
PTIT[7:0]
Port T Input — This register always reads back the buffered state of the associated pins. This can also be used
to detect overload or short circuit conditions on output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com