Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 902 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 902 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 898Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 899Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 900Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 901Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 902Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 903Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 904Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 905Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 906Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 902 / 1350 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
902
Freescale Semiconductor
•
Control registers to enable/disable pull-device and select pull-ups/pull-downs on Ports T, S, M, P,
H, and J on per-pin basis
•
Control registers to enable/disable pull-up devices on Ports AD0, and AD1 on per-pin basis
•
Single control register to enable/disable pull-ups on Ports A, B, C, D, E, and K on per-port basis
and on BKGD pin
•
Control registers to enable/disable reduced output drive on Ports T, S, M, P, H, J, AD0, and AD1
on per-pin basis
•
Single control register to enable/disable reduced output drive on Ports A, B, C, D, E, and K on per-
port basis
•
Control registers to enable/disable open-drain (wired-OR) mode on Ports S and M
•
Control registers to enable/disable pin interrupts on Ports P, H, and J
•
Interrupt flag register for pin interrupts on Ports P, H, and J
•
Control register to configure IRQ pin operation
•
Free-running clock outputs
A standard port pin has the following minimum features:
•
Input/output selection
•
5V output drive with two selectable drive strengths
•
5V digital and analog input
•
Input with selectable pull-up or pull-down device
Optional features:
•
Open drain for wired-OR connections
•
Interrupt inputs with glitch filtering
•
Reduced input threshold to support low voltage applications
23.0.2
Block Diagram
Figure 23-1 is a block diagram of the PIM.
•
Signals shown in Bold are not available in 80-pin packages.
•
Signals shown in Bold-Italics are neither available in 112-pin nor in 80-pin packages.
•
Shaded labels denote alternative module routing ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com