Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 921 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 921 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 917Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 918Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 919Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 920Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 921Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 922Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 923Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 924Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 925Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 921 / 1350 page
background image
23.0.5.2
Port B Data Register (PORTB)
Read: Anytime.
Write: Anytime.
23.0.5.3
Port A Data Direction Register (DDRA)
Read: Anytime. In emulation modes, read operations will return the data from the external bus, in
all other modes the data source is depending on the data direction value.
Write: Anytime. In emulation modes, write operations will also be directed to the external bus.
Table 23-4. PORTA Field Descriptions
Field
Description
7–0
PA[7:0]
Port A — Port A pins 7–0 are associated with address outputs ADDR15 through ADDR8 respectively inexpanded
modesWhen this port is not used for external addresses, these pins can be used as general purpose I/O. If the
data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the port register,
otherwise the buffered pin input state is read.
76543210
R
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
W
Reset
00000000
Figure 23-4. Port B Data Register (PORTB)
Table 23-5. PORTB Field Descriptions
Field
Description
7–0
PB[7:0]
Port B — Port B pins 7–0 are associated with address outputs ADDR7 through ADDR1 respectively in expanded
modes. Pin 0 is associated with output ADDR0 in emulation modes and special test mode and with Upper Data
Select (UDS) in normal expanded mode. When this port is not used for external addresses, these pins can be
used as general purpose I/O. If the data direction bits of the associated I/O pins are set to logic level “1”, a read
returns the value of the port register, otherwise the buffered pin input state is read.
76543210
R
DDRA7
DDRA6
DDRA5
DDRA4
DDRA3
DDRA2
DDRA1
DDRA0
W
Reset
00000000
Figure 23-5. Port A Data Direction Register (DDRA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com