Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 938 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 938 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 934Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 935Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 936Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 937Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 938Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 939Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 940Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 941Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 942Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 938 / 1350 page
background image
Chapter 23 DQ256 Port Integration Module (S12XDQ256PIMV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
938
Freescale Semiconductor
23.0.5.30 Port M Data Register (PTM)
Read: Anytime.
Write: Anytime.
Port M pins 7–0 are associated with the CAN0, CAN1, CAN2, as well as the routed CAN0, CAN4, and
SPI0 modules. When not used with any of the peripherals, these pins can be used as general purpose I/O.
If the data direction bits of the associated I/O pins are set to logic level “1”, a read returns the value of the
port register, otherwise the buffered pin input state is read.
76543210
R
PTM7
PTM6
PTM5
PTM4
PTM3
PTM2
PTM1
PTM0
W
CAN
TXCAN2
RXCAN2
TXCAN1
RXCAN1
TXCAN0
RXCAN0
Routed
CAN0
TXCAN0
RXCAN0
TXCAN0
RXCAN0
Routed
CAN4
TXCAN4
RXCAN4
TXCAN4
RXCAN4
Routed
SPI0
SCK0
MOSI0
SS0
MISO0
Reset
00000000
Figure 23-32. Port M Data Register (PTM)
Table 23-32. PTM Field Descriptions
Field
Description
7–6
PTM[7:6]
The CAN4 function (TXCAN4 and RXCAN4) takes precedence over the general purpose I/O function if the CAN4
module is enabled. Refer to MSCAN section for details.
5–4
PTM[5:4]
The CAN2 function (TXCAN2 and RXCAN2) takes precedence over the routed CAN0, routed CAN4, the routed
SPI0 and the general purpose I/O function if the CAN2 module is enabled.
The routed CAN0 function (TXCAN0 and RXCAN0) takes precedence over the routed CAN4, the routed SPI0
and the general purpose I/O function if the routed CAN0 module is enabled.
The routed CAN4 function (TXCAN4 and RXCAN4) takes precedence over the routed SPI0 and general purpose
I/O function if the routed CAN4 module is enabled. Refer to MSCAN section for details.
The routed SPI0 function (SCK0 and MOSI0) takes precedence of the general purpose I/O function if the routed
SPI0 is enabled. Refer to SPI section for details.
3–2
PTM[3:2]
The CAN1 function (TXCAN1 and RXCAN1) takes precedence over the routed CAN0, the routed SPI0 and the
general purpose I/O function if the CAN1 module is enabled.The routed CAN0 function (TXCAN0 and RXCAN0)
takes precedence over the routed SPI0 and the general purpose I/O function if the routed CAN0 module is
enabled. Refer to MSCAN section for details.
The routed SPI0 function (SS0 and MISO0) takes precedence of the general purpose I/O function if the routed
SPI0 is enabled and not in bidirectional mode. Refer to SPI section for details.
1–0
PTM[1:0]
The CAN0 function (TXCAN0 and RXCAN0) takes precedence over the general purpose I/O function if the CAN0
module is enabled. Refer to MSCAN section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com