Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 955 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 955 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 951Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 952Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 953Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 954Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 955Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 956Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 957Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 958Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 959Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 955 / 1350 page
background image
This register configures whether a pull-up or a pull-down device is activated, if the port is used as
input or as wired-OR output. This bit has no effect if the port is used as push-pull output. Out of
reset a pull-up device is enabled.
23.0.5.59 Port J Polarity Select Register (PPSJ)
Read: Anytime.
Write: Anytime.
This register serves a dual purpose by selecting the polarity of the active interrupt edge as well as
selecting a pull-up or pull-down device if enabled.
23.0.5.60 Port J Interrupt Enable Register (PIEJ)
Table 23-54. PERJ Field Descriptions
Field
Description
7–0
PERJ[7:4]
PERJ[2:0]
Pull Device Enable Port J
0 Pull-up or pull-down device is disabled.
1 Either a pull-up or pull-down device is enabled.
76543210
R
PPSJ7
PPSJ6
PPSJ5
PPSJ4
0
PPSJ2
PPSJ1
PPSJ0
W
Reset
00000000
= Unimplemented or Reserved
Figure 23-61. Port J Polarity Select Register (PPSJ)
Table 23-55. PPSJ Field Descriptions
Field
Description
7–0
PPSJ[7:4]
PPSJ[2:0]
Polarity Select Port J
0
Falling edge on the associated port J pin sets the associated flag bit in the PIFJ register.
A pull-up device is connected to the associated port J pin, if enabled by the associated bit in register PERJ
and if the port is used as general purpose input or as IIC port.
1
Rising edge on the associated port J pin sets the associated flag bit in the PIFJ register.
A pull-down device is connected to the associated port J pin, if enabled by the associated bit in register PERJ
and if the port is used as input.
76543210
R
PIEJ7
PIEJ6
PIEJ5
PIEJ4
0
PIEJ2
PIEJ1
PIEJ0
W
Reset
00000000
= Unimplemented or Reserved
Figure 23-62. Port J Interrupt Enable Register (PIEJ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com