Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1077 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1077 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1073Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1074Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1075Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1076Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1077Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1078Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1079Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1080Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1081Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1077 / 1350 page
background image
Chapter 26 4 Kbyte EEPROM Module (S12XEETX4KV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1077
The EEPROM module also contains a set of 12 control and status registers located between EEPROM
module base + 0x0000 and 0x000B. A summary of the EEPROM module registers is given in Table 26-2
while their accessibility is detailed in Section 26.3.2, “Register Descriptions”.
Table 26-2. EEPROM Register Map
Module
Base +
Register Name
Normal Mode
Access
0x0000
EEPROM Clock Divider Register (ECLKDIV)
R/W
0x0001
RESERVED11
1 Intended for factory test purposes only.
R
0x0002
RESERVED21
R
0x0003
EEPROM Configuration Register (ECNFG)
R/W
0x0004
EEPROM Protection Register (EPROT)
R/W
0x0005
EEPROM Status Register (ESTAT)
R/W
0x0006
EEPROM Command Register (ECMD)
R/W
0x0007
RESERVED31
R
0x0008
EEPROM High Address Register (EADDRHI)1
R
0x0009
EEPROM Low Address Register (EADDRLO)1
R
0x000A
EEPROM High Data Register (EDATAHI)1
R
0x000B
EEPROM Low Data Register (EDATALO)1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com