Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1154 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1154 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1150Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1151Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1152Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1153Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1154Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1155Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1156Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1157Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1154 / 1350 page
background image
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1154
Freescale Semiconductor
28.3.2.1
Flash Clock Divider Register (FCLKDIV)
The FCLKDIV register is used to control timed events in program and erase algorithms.
All bits in the FCLKDIV register are readable, bits 6-0 are write once and bit 7 is not writable.
28.3.2.2
Flash Security Register (FSEC)
The FSEC register holds all bits associated with the security of the MCU and Flash module.
RESERVED1
R
0
0000000
W
RESERVED2
R
0
0000000
W
RESERVED3
R
0
0000000
W
RESERVED4
R
0
0000000
W
76543210
R
FDIVLD
PRDIV8
FDIV5
FDIV4
FDIV3
FDIV2
FDIV1
FDIV0
W
Reset
00000000
= Unimplemented or Reserved
Figure 28-4. Flash Clock Divider Register (FCLKDIV)
Table 28-2. FCLKDIV Field Descriptions
Field
Description
7
FDIVLD
Clock Divider Loaded.
0 Register has not been written.
1 Register has been written to since the last reset.
6
PRDIV8
Enable Prescalar by 8
.
0 The oscillator clock is directly fed into the clock divider
.
1 The oscillator clock is divided by 8 before feeding into the clock divider.
5:0
FDIV[5:0]
Clock Divider Bits — The combination of PRDIV8 and FDIV[5:0] must divide the oscillator clock down to a
frequency of 150 kHz–200 kHz. The maximum divide ratio is 512. Please refer to Section 28.4.1.1, “Writing the
FCLKDIV Register” for more information.
Register
Name
Bit 7
654321
Bit 0
Figure 28-3. FTX256K2 Register Summary (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com