Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1164 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1164 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1160Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1161Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1162Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1163Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1164Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1165Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1166Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1167Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1164 / 1350 page
background image
Chapter 28 256 Kbyte Flash Module (S12XFTX256K2V1)
MC9S12XDP512 Data Sheet, Rev. 2.17
1164
Freescale Semiconductor
28.3.2.9
Flash Address Registers (FADDR)
The FADDRHI and FADDRLO registers are the Flash address registers.
All FADDRHI and FADDRLO bits are readable but are not writable. After an array write as part of a
command write sequence, the FADDR registers will contain the mapped MCU address written.
28.3.2.10 Flash Data Registers (FDATA)
The FDATAHI and FDATALO registers are the Flash data registers.
Table 28-17. FCTL Field Descriptions
Field
Description
6:0
NV[6:0]
Nonvolatile Bits — The NV[6:0] bits are available as nonvolatile bits. Refer to the Device User Guide for proper
use of the NV bits.
76543210
R
FADDRHI
W
Reset
00000000
= Unimplemented or Reserved
Figure 28-16. Flash Address High Register (FADDRHI)
76543210
R
FADDRLO
W
Reset
00000000
= Unimplemented or Reserved
Figure 28-17. Flash Address Low Register (FADDRLO)
76543210
R
FDATAHI
W
Reset
00000000
= Unimplemented or Reserved
Figure 28-18. Flash Data High Register (FDATAHI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com