Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1235 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1235 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1231Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1232Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1233Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1234Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1235Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1236Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1237Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1238Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1239Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1235 / 1350 page
background image
Chapter 30 Security (S12X9SECV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1235
30.1.5
Unsecuring the Microcontroller
Unsecuring the microcontroller can be done by three different methods:
1. Backdoor key access
2. Reprogramming the security bits
3. Complete memory erase (special modes)
30.1.5.1
Unsecuring the MCU Using the Backdoor Key Access
In normal modes (single chip and expanded), security can be temporarily disabled using the backdoor key
access method. This method requires that:
•
The backdoor key at 0xFF00–0xFF07 (= global addresses 0x7F_FF00–0x7F_FF07) has been
programmed to a valid value.
•
The KEYEN[1:0] bits within the Flash options/security byte select ‘enabled’.
•
In single chip mode, the application program programmed into the microcontroller must be
designed to have the capability to write to the backdoor key locations.
The backdoor key values themselves would not normally be stored within the application data, which
means the application program would have to be designed to receive the backdoor key values from an
external source (e.g. through a serial port). It is not possible to download the backdoor keys using
background debug mode.
The backdoor key access method allows debugging of a secured microcontroller without having to erase
the Flash. This is particularly useful for failure analysis.
NOTE
No word of the backdoor key is allowed to have the value 0x0000 or
0xFFFF.
30.1.5.2
Backdoor Key Access Sequence
These are the necessary steps for a successful backdoor key access sequence:
1. Set the KEYACC bit in the Flash configuration register FCNFG.
2. Write the first 16-bit word of the backdoor key to 0xFF00 (0x7F_FF00).
3. Write the second 16-bit word of the backdoor key to 0xFF02 (0x7F_FF02).
4. Write the third 16-bit word of the backdoor key to 0xFF04 (0x7F_FF04).
5. Write the fourth 16-bit word of the backdoor key to 0xFF06 (0x7F_FF06).
6. Clear the KEYACC bit in the Flash Configuration register FCNFG.
NOTE
Flash cannot be read while KEYACC is set. Therefore the code for the
backdoor key access sequence must execute from RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com