Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1246 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1246 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1242Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1243Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1244Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1245Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1246Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1247Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1248Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1249Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1250Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1246 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
1246
Freescale Semiconductor
A.1.9
I/O Characteristics
This section describes the characteristics of all I/O pins except EXTAL, XTAL,XFC,TEST,VREGEN and
supply pins.
CAUTION
The internal pull up/pull down device specification is different depending on
maskset.
Table A-6. 3.3-V I/O Characteristics
Conditions are 3.15 V < VDD35 < 3.6 V temperature from –40°C to +140°C, unless otherwise noted
I/O Characteristics for all I/O pins except EXTAL, XTAL,XFC,TEST, VREGEN and supply pins.
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P Input high voltage
VIH
0.65*VDD35
——
V
T Input high voltage
VIH
——
VDD35 + 0.3
V
2
P Input low voltage
VIL
—
—
0.35*VDD35
V
T Input low voltage
VIL
VSS35 – 0.3
—
—
V
3
C Input hysteresis
VHYS
250
mV
4
C Input leakage current (pins in high impedance input
mode)1
Vin = VDD35 or VSS35
I
in
–1
—
1
µA
5
C Output high voltage (pins in output mode)
Partial drive IOH = –0.75 mA
V
OH
VDD35 – 0.4
—
—
V
6
P Output high voltage (pins in output mode)
Full drive IOH = –4 mA
VOH
VDD35 – 0.4
—
—
V
7
C Output low voltage (pins in output mode)
Partial Drive IOL = +0.9 mA
VOL
—
—
0.4
V
8
P Output low voltage (pins in output mode)
Full Drive IOL = +4.75 mA
V
OL
—
—
0.4
V
Internal pull up/pull down device specification (items 9 to 12) only valid for masksets 0L15Y & 1L15Y
9
P Internal pull up device current, tested at VIL max.
IPUL
—
—
–60
µA
10
C Internal pull up device current, tested at VIH min.
IPUH
-6
—
-
µA
11
P Internal pull down device current, tested at VIH min.
IPDH
——
60
µA
12
C Internal pull down device current, tested at VIL max.
IPDL
6—
—
µA
Internal pull up/pull down device specification (items 13 to 14) valid for all other masksets
13
P Internal pull up resistance
VIH min > input voltage > VIL max
RPUL
25
55
K
Ω
14
P Internal pull down resistance
VIH min > input voltage > VIL max
RPDH
25
55
K
Ω
15
D Input capacitance
Cin
—6—
pF
16
T Injection current2
Single pin limit
Total device limit, sum of all injected currents
IICS
IICP
–2.5
–25
—
2.5
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com