Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1253 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1253 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1249Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1250Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1251Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1252Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1253Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1254Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1255Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1256Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1257Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1253 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1253
A.2
ATD Characteristics
This section describes the characteristics of the analog-to-digital converter.
A.2.1
ATD Operating Characteristics
The Table A-12 and Table A-13 show conditions under which the ATD operates.
The following constraints exist to obtain full-scale, full range results:
VSSA ≤ VRL ≤ VIN ≤ VRH ≤ VDDA.
This constraint exists since the sample buffer amplifier can not drive beyond the power supply levels that
it ties to. If the input level goes outside of this range it will effectively be clipped.
Table A-12. ATD 5-V Operating Characteristics
Conditions are shown in Table A-4 unless otherwise noted, supply voltage 4.5 V < VDDA < 5.5 V
Num
C
Rating
Symbol
Min
Typ
Max
Unit
1
D Reference potential
Low
High
VRL
VRH
VSSA
VDDA/2
—
—
VDDA/2
VDDA
V
V
2
C Differential reference voltage1
1 Full accuracy is not guaranteed when differential voltage is less than 4.50 V
VRH-VRL
4.50
5.00
5.5
V
3
D ATD clock frequency
fATDCLK
0.5
2.0
MHz
4
D ATD 10-bit conversion period
Clock cycles2
Conv, time at 2.0 MHz ATD clock fATDCLK
2 The minimum time assumes a final sample period of 2 ATD clocks cycles while the maximum time assumes a final sample
period of 16 ATD clocks.
NCONV10
TCONV10
14
7
—
—
28
14
Cycles
µs
5
D ATD 8-Bit conversion period
Clock cycles2
Conv, time at 2.0 MHz ATD clock fATDCLK
NCONV8
TCONV8
12
6
—
—
26
13
Cycles
µs
6
D Recovery time (VDDA = 5.0 Volts)
tREC
——
20
µs
7
P Reference supply current 2 ATD blocks on
IREF
—
—
0.750
mA
8
P Reference supply current 1 ATD block on
IREF
—
—
0.375
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com