Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC312XDP512F0CFVR Datasheet(PDF) 1271 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 1271 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 1267Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1268Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1269Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1270Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1271Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1272Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1273Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1274Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 1275Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1271 / 1350 page
background image
Appendix A Electrical Characteristics
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
1271
And finally the frequency relationship is defined as
With the above values the resistance can be calculated. The example is shown for a loop bandwidth
fC = 20 kHz:
The capacitance Cs can now be calculated as:
The capacitance Cp should be chosen in the range of:
A.5.3.2
Jitter Information
The basic functionality of the PLL is shown in Figure A-3. With each transition of the clock fcmp, the
deviation from the reference clock fref is measured and input voltage to the VCO is adjusted
accordingly.The adjustment is done continuously with no abrupt changes in the clock output frequency.
Noise, voltage, temperature and other factors cause slight variations in the control loop resulting in a clock
jitter. This jitter affects the real minimum and maximum clock periods as illustrated in Figure A-4.
Figure A-4. Jitter Definitions
f
C
2
ζ f
ref
⋅⋅
πζ
1
ζ
2
+
+
⎝⎠
⎛⎞
⋅
-------------------------------------------
1
10
-----
f
C
f
ref
410
⋅
-------------
ζ 0.9
=
()
;
<
→
⋅
<
fC < 100kHz
n
f
VCO
f
ref
---------------
2
synr
1
+
()
⋅
==
= 20
R
2
π nf
C
⋅⋅ ⋅
KΦ
-----------------------------
2 π 20 20kHz
⋅⋅
⋅
539.1Hz
() Ω
⁄
------------------------------------------
4.7kΩ
=
=
=
C
s
2
ζ
2
⋅
π f
C
R
⋅⋅
----------------------
0.516
f
C
R
⋅
---------------
ζ 0.9
=
()
;
==
= 5.5nF = ~ 4.7nF
C
s
20
------
C
p
C
s
10
------
≤≤
CP = 470pF
2
3
N-1
N
1
0
tnom
tmax1
tmin1
tmaxN
tminN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com